Part Number Hot Search : 
F9Z34N VPM06 4920M 0040C TDSO5150 LTC4265 LTC1422 M0001000
Product Description
Full Text Search
 

To Download 100LVELT22M8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 100LVELT22 3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
January 2003 Revised January 2003
100LVELT22 3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
General Description
The 100LVELT22 is a LVTTL/LVCMOS to differential LVPECL translator operating from a single +3.3V supply. Both outputs of a differential pair should be terminated in 50 to VCC - 2.0V even if only one output is being used. If an output pair is unused both outputs can be left open (un-terminated). The 100 series is temperature compensated.
Features
s Typical propagation delay of 350 ps s <100 ps skew between outputs s Max ICC of 28 mA at 25C s When TTL input is left Open Q output defaults HIGH s Fairchild MSOP-8 package is a drop-in replacement to ON TSSOP-8 s Flow through pinout s Meets or exceeds JEDEC specification EIA/JESD78 IC latch-up test s Moisture Sensitivity Level 1 s ESD Performance: Human Body Model > 2000V Machine Model > 200V
Ordering Code:
Product Order Number 100LVELT22M 100LVELT22M8 (Preliminary) Package M08A MA08D Code KVT22 KR22 Package Description 8-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow 8-Lead Molded Small Outline Package (MSOP), JEDEC MO-187, 3.0mm Wide Number Top Mark
Devices also available in Tape and Reel. Specify by appending suffix letter "X" to the ordering code.
Connection Diagram
Logic Diagram
Top View
Pin Descriptions
Pin Name Qn, Qn D0 , D1 VCC GND Description LVPECL Differential Outputs LVTTL/LVCMOS Inputs Positive Supply Ground
(c) 2003 Fairchild Semiconductor Corporation
DS500777
www.fairchildsemi.com
100LVELT22
Absolute Maximum Ratings(Note 1)
Supply Voltage (VCC) Input Voltage (VI) VI VCC DC Output Current (IOUT) Continuous Surge Storage Temperature (TSTG) 50 mA 100 mA 0.0V to +7.0V 0.0V to +7.0V
Recommended Operating Conditions
Power Supply Operating LVTTL/LVCMOS Input Voltage Free Air Operating Temperature (TA) VCC = 3.0V to 3.8V 0.0V to VCC
-40C to +85C
-65C to +150C
Note 1: The "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum rating. The "Recommended Operating Conditions" table will define the conditions for actual device operation.
LVPECL DC Electrical Characteristics VCC = 3.3V; GND = 0.0V (Note 2)
Symbol ICC VOH VOL Parameter Power Supply Current Output HIGH Voltage (Note 3) Output LOW Voltage (Note 3) 2215 1470 -40C Min Typ Max 28 2420 1745 2275 1490 Min 25C Typ Max 28 2420 1680 2275 1490 Min 85C Typ Max 29 2420 1680 Units mA mV mV
Note 2: Output parameters vary 1 to 1 with VCC. VCC can vary 0.15V. Note 3: Outputs are terminated through a 50 resistor to VCC - 2.0V. Note: Devices are designed to meet the DC specifications after thermal equilibrium has been established. Circuit is tested with air flow greater than 500LFPM maintained.
LVTTL/LVCMOS DC Electrical Characteristics VCC = 3.3V; GND = 0.0V (Note 4)
Symbol IIH IIL VIK VIH VIL Parameter Input HIGH Current Input LOW Current Clamp Diode Voltage Input HIGH Voltage Input LOW Voltage 2.0 0.8 TA = -40C to 85C Min Typ Max 20 100 -200 -1.2 Units A A V V V VIN = 2.7V VIN = VCC VIN = 0.5V IIN = -18 mA Condition
Note 4: VCC can vary 0.15V. Note: Devices are designed to meet the DC specifications after thermal equilibrium has been established. Circuit is tested with air flow greater than 500LFPM maintained.
AC Electrical Characteristics VCC = 3.3V; GND = 0.0V (Note 5)
Symbol fMAX tJITTER tPLH / tPHL tSKEW tr, tf Parameter Maximum Toggle Frequency Cycle-to-Cycle Jitter Propagation Delay (Note 6) Skew Output-to-Output Part-to-Part Output Rise Time Q (20% to 80%) 200
Note 5: VCC can vary 0.15V. Note 6: Specifications for standard LVTTL input signal (see Figure 1).
-40C Min Typ TBD TBD 200 350 30 600 100 400 550 200 200 Max Min
25C Typ TBD TBD 350 30 600 100 400 500 200 200 Max Min
85C Typ TBD TBD 350 30 600 100 400 500 Max
Units MHz ps ps ps ns
Figure Number
Figure 1
Figure 2
www.fairchildsemi.com
2
100LVELT22
Switching Waveforms
FIGURE 1. LVTTL to Differential LVPECL Propagation Delay
FIGURE 2. Differential Output Edge Rates
3
www.fairchildsemi.com
100LVELT22
Physical Dimensions inches (millimeters) unless otherwise noted
8-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Package Number M08A
www.fairchildsemi.com
4
100LVELT22 3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
8-Lead Molded Small Outline Package (MSOP), JEDEC MO-187, 3.0mm Wide Package Number MA08D
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 5 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 100LVELT22M8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X